Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download 6CWQ06FNPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21058 rev. B 07/06
6CWQ06FNPBF
SCHOTTKY RECTIFIER 7 Amp
IF(AV) = 7Amp VR = 60V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 3 Apk, TJ = 25C (per leg) range
Description/ Features Units
A V A V The 6CWQ06FNPBF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Center tap configuration Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
7 60 490 0.61
- 40 to 150
C
Case Styles
Base Common Cathode
4
2 Common 1 Cathode
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
6CWQ06FNPBF
60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current * See Fig. 5 IFSM EAS IAR (Per Device) Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repet. Avalan. Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
6CWQ... Units
3.5 7 490 70 6.0 1.0 A mJ A A
Conditions
50% duty cycle @ TC = 133C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
TJ = 25 C, IAS = 1 Amps, L = 12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
6CWQ... Units
0.61 0.76 0.53 0.65 2 30 0.38 34.31 145 5.0 10000 V V V V mA mA V
m
Conditions
@ @ @ @ 3A 6A 3A 6A TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
TJ = 25 C TJ = 125 C
TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typ. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH V/s
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range Junction to Case wt Approximate Weight Case Style Marking Device
(*) dPtot dTj < 1 Rth( j-a)
6CWQ... Units
C C -40 to 150 4.70 2.35 0.3 (0.01) g (oz.) D-Pak 6CWQ06FN
Conditions
Max. Junction Temperature Range (*) -40 to 150
RthJC Max. Thermal Resistance (Per Leg) (Per Device)
C/W DC operation
* See Fig. 4
Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
100
100 TJ= 150C R everse Current - I R (mA) 10 125C 100C 75C 0.1 50C
1
Instantaneous F orward Current - I F(A)
0.01
25C
TJ= 150C TJ= 125C 10 TJ= 25C
0.001
0
10
20
30
40
50
60
R everse Voltage - V R(V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 Junction Capacitance - C T (pF )
TJ= 25C
100
1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
10
0
10
20
30
40
50
60
Forward Voltage Drop - V FM (V)
Reverse Voltage - V R(V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
t1 Notes: S ingle Pulse (T hermal R esista nce) 0.1 0.00001 0.0001 0.001 0.01 t2
1. Duty factor D = t 1/ t 2 2. Pea k T = PDM x Z thJC+ TC J 0.1 1
t 1 , Rectangular Pulse Dura tion (S econds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
155 Allowable Case T emperature - (C) 150 145 140 135 130 125 120 115 110
see note (2)
3 Average Power Loss - (Wa tts) 2.5 2 1.5 1 0.5 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 R Limit MS DC
DC
S quare wave (D = 0.50) 80% Rated V Rapplied
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Average Forward Current - I F(AV) (A)
0
1
2
3
4
5
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-R epetitive S urge Current - I FS (A) M
100
At Any R ated Load Condition And With Rated V RRM Applied Following S urge 10 10
100
1000
10000
S quare Wave Pulse Duration - t p(microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
THIS IS A 6CWQ06FN INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
PART NUMBER
6CWQ06FN
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
6CWQ06FNPBF
Bulletin PD-21058 rev. B 07/06
Ordering Information Table
Device Code
6
1 1 2 3 4 4 5 6 7
C
2 -
W
3
Q
4
06
5
FN TRL PbF
6 7 8
Current Rating (7A) Center Tap ConfigurationPackage Identifier W = D-Pak Schottky "Q" Series Voltage Rating (06 = 60V) FN = TO-252AA (D-Pak) none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for AEC Q101 Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 6CWQ06FNPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X